|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
TIP31A/31C TIP32A/32B/32C COMPLEMENTARY SILICON POWER TRANSISTORS s SGS-THOMSON PREFERRED SALESTYPES s APPLICATION LINEAR AND SWITCHING INDUSTRIAL EQUIPMENT 3 DESCRIPTION The TIP31A and TIP31C are silicon epitaxial-base NPN transistors in Jedec TO-220 plastic package, intented for use in medium power linear and switching applications. TIP32B is PNP power transistor.The complementary PNP types for TIP31A and TIP31C are TIP32A and TIP32C. 1 2 TO-220 INTERNAL SCHEMATIC DIAGRAM ABSOLUTE MAXIMUM RATINGS Symbol Parameter NPN PNP* V CBO V CEO VEBO IC I CM IB P tot T st g Tj Collector-Base Volta ge (I E = 0) Collector-Emitte r Voltage (I B = 0) Emitter-Base Voltage (I C = 0) Collector Current Collector Peak Current Base Current Total Dissipation at T case 25 o C T amb 25 o C Storage Temperature Max. Operating Junction Temperature Value TIP31A TIP32A 60 60 TIP32B 80 80 5 3 5 1 40 2 -65 to 150 150 TIP31C TIP32C 100 100 V V V A A A W W o o Unit C C * For PNP types voltage and current values are negative September 1997 1/5 TIP31A/TIP31C/TIP32A/TIP32B/TIP32C THERMAL DATA R thj-ca se Rt hj-amb Thermal Resistance Junction-case Thermal Resistance Junction-ambient o Max Max 3.12 62.5 o o C/W C/W ELECTRICAL CHARACTERISTICS (Tcase = 25 C unless otherwise specified) Symbol ICEO Parameter Collecto r Cut-of f Current (I B = 0) Test Conditions for TIP31A/32A VCE = 30 V for TIP31C/32B/32C VCE = 60 V for TIP31A/32A for TIP/32B for TIP31C/32C VCE = 60 V VCE = 80 V VCE = 100 V Min. Typ. Max. 0. 3 0. 3 0. 2 0. 2 0. 2 1 Unit mA mA mA mA mA mA ICES Collecto r Cut-of f Current (VBE = 0) I EBO Emitter Cut-off Current VEB = 5 V (I C = 0) I C = 30 mA for TIP31A/32A for TIP32B for TIP31C/32C IC = 3 A IC = 3 A IC = 1 A IC = 3 A I C = 0.5 A f = 1 KHz I C = 0.5 A f = 1 KHz IB = 375 mA VCE = 4 V VCE = 4 V VCE = 4 V VCE = 10 V 20 VCE = 10 V 3 25 10 60 80 100 V CEO(su s) Collecto r-Emitter Sustaining Voltage (I B = 0) V CE(sat ) VBE hFE h fe Collecto r-Emitter Saturation Voltage Base-Emitter Volta ge DC Current Gain Small Signall Current Gain V V V 1. 2 1. 8 50 V V Pulsed : pulse duration = 300 s, duty cycle 2% For PNP types voltage and current values are negative. Safe Operating Area Derating Curves 2/5 TIP31A/TIP31C/TIP32A/TIP32B/TIP32C DC Current Gain (NPN type) DC Current Gain (PNP type) Collector-Emitter Saturation Voltage (NPN type) Collector-Emitter Saturation Voltage (PNP type) Base-Emitter Saturation Voltage (NPN type) Collector-Base Capacitance (PNP type) 3/5 TIP31A/TIP31C/TIP32A/TIP32B/TIP32C TO-220 MECHANICAL DATA DIM. MIN. A C D D1 E F F1 F2 G G1 H2 L2 L4 L5 L6 L7 L9 DIA. 13.0 2.65 15.25 6.2 3.5 3.75 0.49 0.61 1.14 1.14 4.95 2.4 10.0 16.4 14.0 2.95 15.75 6.6 3.93 3.85 0.511 0.104 0.600 0.244 0.137 0.147 4.40 1.23 2.40 1.27 0.70 0.88 1.70 1.70 5.15 2.7 10.40 0.019 0.024 0.044 0.044 0.194 0.094 0.393 0.645 0.551 0.116 0.620 0.260 0.154 0.151 mm TYP. MAX. 4.60 1.32 2.72 MIN. 0.173 0.048 0.094 0.050 0.027 0.034 0.067 0.067 0.203 0.106 0.409 inch TYP. MAX. 0.181 0.051 0.107 P011C 4/5 TIP31A/TIP31C/TIP32A/TIP32B/TIP32C Information furnished is believed to be accurate and reliable. However, SGS-THOMSON Microelectronics assumes no responsability for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may results from its use. No license is granted by implication or otherwise under any patent or patent rights of SGS-THOMSON Microelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all informationpreviously supplied. SGS-THOMSON Microelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of SGS-THOMSON Microelectonics. (c) 1997 SGS-THOMSON Microelectronics - Printed in Italy - All Rights Reserved SGS-THOMSON Microelectronics GROUP OF COMPANIES Australia - Brazil - Canada - China - France - Germany - Hong Kong - Italy - Japan - Korea - Malaysia - Malta - Morocco - The Netherlands Singapore - Spain - Sweden - Switzerland - Taiwan - Thailand - UnitedKingdom - U.S.A . .. 5/5 |
Price & Availability of TIP31C |